Part Number Hot Search : 
SP322 APL0760 9HPES12 AN392 S1503 ON2341 5KP24A CD54A
Product Description
Full Text Search
 

To Download CJ431-TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Encapsulate Adjustable Reference Source
CJ431 Adjustable Accurate Reference Source
TO--92 FEATURES The output voltage can be adjusted to 36V Low dynamic output impedance ,its typical value is 0.2 Trapping current capability is 1 to 100mA The typical value of the equivalent temperature factor in the whole temperature scope is 50 ppm/ The effective temperature compensation in the working range of full temperature Low output noise voltage Fast on -state response
1.REFERENCE
2.ANODE
3.CATHODE
123
ABSOLUTE MAXIMUM RATINGSOperating temperature range applies unless otherwise specified Parameter SYMBOL VALUE UNITS
Cathode Voltage Cathode Current Range (Continuous) Reference lnput Current Range Power Dissipation Operating temperature Storage temperature Range VKA IKA Iref PD Topr Tstg 37 -100-+150 0.05-+10 770 0-70 -65-+150 V mA mA mW
ELECTRICAL CHARACTERISTICSTamb=25
Parameter Reference lnput Voltage Deviation of reference input Voltage Over temperature (note) Ratio Of Change in Reference lnput Voltage to the change in Cathode Voltage Reference lnput Current Deviation Of Reference lnput Current Over Full Temperature Range Minimum cathode current for regulation Off-state cathode Current Dynamic lmpedance Symbol Vref Vref/T Test
unless otherwise
conditions
specified
MIN 2.475 TYP 2.5 4.5 -1.0 -0.5 1.5 MAX 2.525 17 -2.7 -2.0 4 UNIT V mV m V/V m V/V
VKA=VREF, IKA=10mA VKA =VREF, IKA =10mA TminTaTmax VKA =10VVREF IKA=10mA VKA =36V 10V IKA= 10mA,R1=10K R2= lKA=10mA, R1=10K R2= TA=full Temperature VKA=VREF VKA=36V ,VREF=0 VKA=VREF,lKA=1 to 100mA f1.0KHz
Vref/VKA
lref
A A mA A
lref/T IKA(min) IKA(OFF) ZKA
0.4
1.2
0.45 0.05 0.15
1.0 1.0 0.5
Note:TMIN=0 ,TMAX=+70 CLASSIFICATION OF Vref Rank Range
0.5% 2.487-2.512
1% 2.475-2.525
2% 2.450-2.550


▲Up To Search▲   

 
Price & Availability of CJ431-TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X